Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6566BTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # L6566BTR
Description  Multi-mode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566BTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L6566BTR Datasheet HTML 31Page - STMicroelectronics L6566BTR Datasheet HTML 32Page - STMicroelectronics L6566BTR Datasheet HTML 33Page - STMicroelectronics L6566BTR Datasheet HTML 34Page - STMicroelectronics L6566BTR Datasheet HTML 35Page - STMicroelectronics L6566BTR Datasheet HTML 36Page - STMicroelectronics L6566BTR Datasheet HTML 37Page - STMicroelectronics L6566BTR Datasheet HTML 38Page - STMicroelectronics L6566BTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
L6566B
Application information
35/51
5.11
OVP block
The OVP function of the L6566B monitors the voltage on the ZCD pin (11) in MOSFET’s
OFF-time, during which the voltage generated by the auxiliary winding tracks converter’s
output voltage. If the voltage on the pin exceeds an internal 5 V reference, a comparator is
triggered, an overvoltage condition is assumed and the device is shut down. An internal
current generator is activated that sources 1 mA out of the VFF pin (15). If the VFF voltage
is allowed to reach 2 Vbe over 5 V, the L6566B will be latched off. See Section 5.9: Latched
disable function on page 32
for more details on IC’s behavior under these conditions. If the
impedance externally connected to pin 15 is so low that the 5+2 VBE threshold cannot be
reached or if some means is provided to prevent that, the device will be able to restart after
the Vcc has dropped below 5 V. Refer to the “Application examples and Ideas” section
(Table 7 on page 45) for additional hints.
Figure 22.
OVP function: internal block diagram
The ZCD pin will be connected to the auxiliary winding through a resistor divider RZ1, RZ2
(see Figure 8 on page 20). The divider ratio kOVP = RZ2 / (RZ1 + RZ2) will be chosen equal
to:
Equation 13
where VoutOVP is the output voltage value that is to activate the protection, Ns the turn
number of the secondary winding and Naux the turn number of the auxiliary winding.
Fault
2-bit
counter
R Q1
S
Monostable
M1
STROBE
OVP
COUT
2 µs
0.5 µs
Monostable
M2
-
+
5 V
ZCD
Counter
reset
FF
40k
Ω
5pF
PWM latch
Q
Q
S
R
11
to triggering
block
L6566B
Naux
Ns
Vout
5
k
OVP
OVP =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com