Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6566BTR Datasheet(PDF) 43 Page - STMicroelectronics

Part # L6566BTR
Description  Multi-mode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566BTR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L6566BTR Datasheet HTML 39Page - STMicroelectronics L6566BTR Datasheet HTML 40Page - STMicroelectronics L6566BTR Datasheet HTML 41Page - STMicroelectronics L6566BTR Datasheet HTML 42Page - STMicroelectronics L6566BTR Datasheet HTML 43Page - STMicroelectronics L6566BTR Datasheet HTML 44Page - STMicroelectronics L6566BTR Datasheet HTML 45Page - STMicroelectronics L6566BTR Datasheet HTML 46Page - STMicroelectronics L6566BTR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
L6566B
Application information
43/51
It is worth reminding that “Auto-restart” means that the device will work intermittently as long
as the condition that is activating the function is not removed; “Latched” means that the
device is stopped as long as the unit is connected to the input power source and the unit
must be disconnected for some time from the source in order for the device (and the unit) to
restart. Optionally, a restart can be forced by pulling the voltage of pin 16 (AC_OK) below
0.45 V.
Protection
Description
Caused by
IC
behavior
Vcc
restart
(V)
IC Iq
(mA)
VREF
(V)
SS
VCOMP
(V)
OSC
(V)
FMOD
VFF
Shutdown2
Shutdown
by VCOMP
low
VCOMP <
VCOMPOFF
Latched
10
0.33
0
0
0
0
0
0
ADAPTIVE
UVLO
Shutdown
by Vcc going
below Vccoff
(lowering of
Vccoff
threshold at
light load)
Vcc < 9.4V
(VCOMP >
VCOMPL)
Auto
restart
5 V
0.18
mA
00
0
0
0
0
Vcc < 7.2V
(VCOMP >
VCOMPO)
1.
Use One external diode from VFF (#15) to AC_OK (#16), cathode to AC_OK
2.
Use one external diode from SS (#14) to VREF (#10), cathode to VREF
3.
If Css and the Vcc capacitor are such that Vcc falls below UVLO before latch tripping (Figure 21 on page 34)
4.
If Css and the Vcc capacitor are such that the latch is tripped before Vcc falls below UVLO (Figure 21 on page 34)
5.
When TJ < 110
oC
6.
Discharged to zero by Vcc going below UVLO
Table 6.
L6566B protections (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com