Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6566BTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6566BTR
Description  Multi-mode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566BTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6566BTR Datasheet HTML 19Page - STMicroelectronics L6566BTR Datasheet HTML 20Page - STMicroelectronics L6566BTR Datasheet HTML 21Page - STMicroelectronics L6566BTR Datasheet HTML 22Page - STMicroelectronics L6566BTR Datasheet HTML 23Page - STMicroelectronics L6566BTR Datasheet HTML 24Page - STMicroelectronics L6566BTR Datasheet HTML 25Page - STMicroelectronics L6566BTR Datasheet HTML 26Page - STMicroelectronics L6566BTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
L6566B
Application information
23/51
start-up, at the end of the soft-start phase the output voltage of the converter must meet the
condition:
Equation 4
where Ns is the turn number of the secondary winding, Naux the turn number of the
auxiliary winding and IZCD the maximum pull-up current (130 µA).
The operation described so far under different operating conditions for the converter is
illustrated in the timing diagrams of Figure 10.
If the FF option is selected the operation will be exactly equal to that of a standard current-
mode PWM controller. It will work at a frequency fsw = fosc; both DCM and CCM
transformer's operation are possible, depending on the operating conditions (input voltage
and output load) and on the design of the power stage. The MOSFET is turned on at the
beginning of each oscillator cycle and is turned off as the voltage on the current sense pin
reaches an internal reference set by the line feedforward block. The maximum duty cycle is
limited at 70 % minimum. The signal on the ZCD pin in this case is used only for detecting
feedback loop failures (see Section 5.11: OVP block on page 35 ).
ZCD
1
Z I
R
Naux
Ns
Vout
>
Figure 10.
Operation of ZCD, triggering and oscillator blocks (QR option active)
a) full load
GD
(pin 4)
ZCD
blanking
time
ZCD
(pin 11)
Oscillator
ramp
PWM latch
Set
PWM latch
Reset
ON-enable
Arm/Trigger
50 mV
100 mV
armed
trigger
b) light load
ZCD
blanking
time
PWM latch
Set
PWM latch
Reset
ON-enable
Arm/Trigger
50 mV
100 mV
Oscillator
ramp
GD
(pin 4)
ZCD
(pin 11)
c) start-up
ZCD
blanking
time
PWM latch
Set
PWM latch
Reset
ON-enable
Arm/Trigger
50 mV
100 mV
Oscillator
ramp
GD
(pin 4)
ZCD
(pin 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com