Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6566BTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6566BTR
Description  Multi-mode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566BTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6566BTR Datasheet HTML 26Page - STMicroelectronics L6566BTR Datasheet HTML 27Page - STMicroelectronics L6566BTR Datasheet HTML 28Page - STMicroelectronics L6566BTR Datasheet HTML 29Page - STMicroelectronics L6566BTR Datasheet HTML 30Page - STMicroelectronics L6566BTR Datasheet HTML 31Page - STMicroelectronics L6566BTR Datasheet HTML 32Page - STMicroelectronics L6566BTR Datasheet HTML 33Page - STMicroelectronics L6566BTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Application information
L6566B
30/51
Equation 8
where Lp is the inductance of the primary winding. In case a constant maximum power
capability vs. the input voltage is not required, the VFF pin can be grounded, directly or
through a resistor (see Section 5.11: OVP block on page 35), hence fixing the overcurrent
setpoint at 1 V, or biased at a fixed voltage through a divider from VREF to get a lower
setpoint.
It is possible to bypass the pin to ground with a small film capacitor (e.g. 1-10 nF) to ensure
a clean operation of the IC even in a noisy environment.
The pin is internally forced to ground during UVLO, after activating any latched protection
and when pin COMP is pulled below its low clamp voltage (see Section 5.5: PWM control
block on page 26
).
5.7
Hiccup-mode OCP
A third comparator senses the voltage on the current sense input and shuts down the device
if the voltage on the pin exceeds 1.5 V, a level well above that of the maximum overcurrent
setpoint (1 V). Such an anomalous condition is typically generated by either a short circuit of
the secondary rectifier or a shorted secondary winding or a hard-saturated flyback
transformer.
Figure 18.
Hiccup-mode OCP: timing diagram
To distinguish an actual malfunction from a disturbance (e.g. induced during ESD tests), the
first time the comparator is tripped the protection circuit enters a “warning state”. If in the
next switching cycle the comparator is not tripped, a temporary disturbance is assumed and
the protection logic will be reset in its idle state; if the comparator will be tripped again a real
malfunction is assumed and the L6566B will be stopped. Depending on the time relationship
Lp
Rs
Td
3
k
opt =
Vcc
(pin 5)
GD
(pin 4)
OCP latch
VccON
VccOFF
Vccrestart
Secondary diode is shorted here
t
t
t
t
VCS
(pin 7)
Vcc_OK
t
1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com