Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV0056 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV0056
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0056 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV0056 Datasheet HTML 10Page - STMicroelectronics STV0056 Datasheet HTML 11Page - STMicroelectronics STV0056 Datasheet HTML 12Page - STMicroelectronics STV0056 Datasheet HTML 13Page - STMicroelectronics STV0056 Datasheet HTML 14Page - STMicroelectronics STV0056 Datasheet HTML 15Page - STMicroelectronics STV0056 Datasheet HTML 16Page - STMicroelectronics STV0056 Datasheet HTML 17Page - STMicroelectronics STV0056 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
V
REF 2.4V
VID IN
6.5k
10k
85
µA
GND 0V
1
0.5pF
+
Figure 7
V
DD 9V
Audio
PK OUT R
PK OUT L
Peak Detector
5k
3.4V
Clamp
1
1
Figure 8
FC L
FC R
1
1
V
DD 9V
Ivar
Figure 9
Audio
2.4V Bias
20k
GND 0V
S2 OUT L
S2 OUT R
S3 OUT L
S3 OUT R
20k
Figure 11
50
µA
1
S2 RTN L
S2 RTN R
S3 RTN L
S3 RTN R
4.8V
25k
Figure 12
Audio
2.4V Bias
30k
GND 0V
30k
VOL OUT R
VOL OUT L
15k
4.8V
Figure 10
50
µA
1
FM IN
2.4V
10k
50
µA
1
10k
Left Channel
Right Channel
Figure 13
1
2.4V
I
REF
Figure 14
PIN INTERNAL CIRCUITRY (continued)
VID IN
PK OUT R, PK OUT L
FC L, FC R
Ivar is controlled by the peak det audio level max.
±15µA (1VPP audio).
VOL OUT R, VOL OUT L
Audio output with volume and scart driver with
+12dB of gain for up to 2VRMS. The opamp has a
push-pull output stage.
S2 OUT L, S2 OUT R, S3 OUT L, S3 OUT R
Same as above but with gain fixed at +6dB.
S2 RTN L, S2 RTN R, S3 RTN L, S3 RTN R
4.8V bias voltage is the same as the bias level on
the audio outputs.
FM IN
The other input for each channel is internally biased
in the same way via 10k
Ω to the 2.4V VREF.
IREF
The optimum value if IREF is 50
µA ±2% so an
external resistor of 47.5k
Ω ±1% is required.
STV0056A
14/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com