Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV0056 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV0056
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0056 Datasheet(HTML) 5 Page - STMicroelectronics

  STV0056 Datasheet HTML 1Page - STMicroelectronics STV0056 Datasheet HTML 2Page - STMicroelectronics STV0056 Datasheet HTML 3Page - STMicroelectronics STV0056 Datasheet HTML 4Page - STMicroelectronics STV0056 Datasheet HTML 5Page - STMicroelectronics STV0056 Datasheet HTML 6Page - STMicroelectronics STV0056 Datasheet HTML 7Page - STMicroelectronics STV0056 Datasheet HTML 8Page - STMicroelectronics STV0056 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
VIDEO PROCESSING
B-BAND IN
AC-coupled video input from a tuner.
ZIN > 10k
Ω ±25%. This drives an on-chip video
amplifier. The other input of this amp is AC
grounded by being connected to an internal VREF.
The video amplifier has selectable gain from 0dB
to 12.7dB in 63 steps and its output signal can be
selected normal or inverted.
UNCL DEEM
Deemphasized still unclamped output. It is also an
input of the video matrix.
VIDEEM1
Connected to an external de-emphasis network
(for instance 625 lines PAL de-emphasis).
VIDEEM2 / 22kHz
Connected to an external de-emphasis network
(for instance 525 lines NTSC or other video de-em-
phasis). Alternatively a precise 22kHz tone may be
output by I
2C bus control.
CLAMP IN
This pin clamps the most negative extreme of the
input (the sync tips) to 2.7VDC (or appropriate volt-
age). The video at the clamp input is only 1VPP.
This clamped video which is de-emphasised, fil-
tered and clamped (energy dispersal removed) is
normal, negative syncs, video. This signal drives
the Video Matrix input called Normal Video.
It has a weak (1.0
µA ±15 %) stable current source
pulling the input towards GND. Otherwise the input
impedance is very high at DC to 1kHz ZIN >2M
Ω.
Video bandwidth through this is -1dB at 5.5MHz.
The CLAMP input DC restore voltage is then used
as a means for getting the correct DC voltage on
the SCART outputs.
S3 VID RTN
This input can be driven for instance by the de-
coder. This input has a DC restoration clamp on its
input. The clamp sink current is 1
µA ±15% with the
buffer ZIN >1M
Ω.
S2 VID RTN, S1 VID RTN
External video input 1.0Vpp AC coupled 75
Ω source
impedance. This input has a DC restoration clamp
on its input. The clamp sink current is 1
µA ±15%
with the buffer ZIN >1M
Ω. This signal is an input to
the Video Matrix.
S1 VID OUT, S2 VID OUT
Video drivers for SCART 1 and SCART 2. An
external emitter follower buffer is required to drive
a 150
Ω load. The average DC voltage to be 1.5V
on the O/P. The signal is video 2.0VPP 5.5MHz BW
with sync tip = 1.2V. These pins get signals from
the Video Matrix. The signal selected from the
Video Matrix for output on this pin is controlled by
a control register. This output also feature a high
impedance mode for parallel connection.
S3 VID OUT
This output can drive for instance a decoder. Also
it is able to pass 10MHz ; ZOUT <75
Ω. Video on
this pin will be 2VPP. The black level of the ouput
video signal can be adjusted through I
2C bus con-
trol to easily interface with on-board Videocrypt
decoder. This output feature an high impedance
mode for parallel connection.
V 12V
+ 12V double bonded : ESD+guard rings and video
circuit power.
V GND
Doubled bonded. Clean VID IN GND. Strategically
placed video power ground connection to reduce
video currents getting into the rest of the circuit.
CONTROL BLOCK
GND 5V
The main power ground connection for the control
logic, registers, the I
2C bus interface, synthesizer
& watchdog and XTLOSC.
VDD 5V
Digital +5V power supply.
SCL
This is the I
2C busclock line. Clock = DC to 100kHz.
Requires external pull up eg. 10k
Ω to 5V.
SDA
This is the I
2C bus data line. Requires external pull
up eg. 10k
Ω to 5V.
I/O / 22kHz
General purpose input output pin or 22kHz output.
XTL
This pin allows for the on-chip oscillator to be either
used with a crystal to ground of 4MHz or 8MHz, or
to be driven by an external clock source. The
external source can be either 4MHz or 8MHz. A
programmable bit in the control block removes a
÷2
block when the 4MHz option is selected.
HA
Hardware address with internal 135
µA pull down.
Chip address is 06 when this pin is grouded and
chip address is 46 when connected to VDD.
PIN DESCRIPTION (continued)
STV0056A
5/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com