Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV0056 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV0056
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0056 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV0056 Datasheet HTML 16Page - STMicroelectronics STV0056 Datasheet HTML 17Page - STMicroelectronics STV0056 Datasheet HTML 18Page - STMicroelectronics STV0056 Datasheet HTML 19Page - STMicroelectronics STV0056 Datasheet HTML 20Page - STMicroelectronics STV0056 Datasheet HTML 21Page - STMicroelectronics STV0056 Datasheet HTML 22Page - STMicroelectronics STV0056 Datasheet HTML 23Page - STMicroelectronics STV0056 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
CONTROL REGISTERS (continued)
Video Mux Truth Tables
Register 2 <0:2>
⇒ Scart 1 video output control
Register 3 <0:2>
⇒ Scart 2 video output control
Register 4 <0:2>
⇒ Scart 3 decoder output control
The truth table for the three scart outputs are the same.
Register 2/3/4
Video Output
Bit<2>
0
0
0
0
1
1
1
1
Bit<1>
0
0
1
1
0
0
1
1
Bit<0>
0
1
0
1
0
1
0
1
Baseband video
De-emphasized video
Normal video
Scart 3 return
Scart 2 return
Scart 1 return
Nothing selected
High Z or low power (default)
Register 4
Black Level Adjust on Scart 3
Bit <7>
0
1
0
1
Bit <6>
0
0
1
1
-150mV
0 (default)
+150mV
+300mV
Audio Mux Truth Tables
Register 2
Switch K1/Audio Source Selection for Volume Output
Bit <5>
0
1
0
1
Bit <4>
0
0
1
1
A
C
B
-
Volume Output
Audio deemphasis (K2 switch O/P)
Scart 2 return
Scart 3 return
High Z or low power (default)
Register 3
Switch K2/Audio Deemphasis
Bit <7>
0
1
0
1
Bit <6>
0
0
1
1
A
C
B
B
Audio Deemphasis
No deemphasis
J17
50
µs
75
µs (default)
Register 0
Switch K3 & K4
Bit <6>
0
1
X
X
Bit <5>
X
X
0
1
A
B
A
B
ANRS I/O Select
Noise reduction OFF
Noise reduction ON (default)
I/P = PLL
I/P = Scart 3 return
Register 3
Switch K5/Audio Source Selection for Scart 2
Bit <5>
0
1
0
1
Bit <4>
0
0
1
1
C
A
B
-
Aux Audio Output
PLL output
Scart 3 return
Audio deemphasis (K2 switch O/P)
High Z or low power state (default)
Register 4
Switch K6/Audio Source Selection for Scart 3
Bit <5>
0
1
0
1
Bit <4>
0
0
1
1
A
C
B
-
Audio Decoder Output
PLL output
Audio deemphasis (K2 switch O/P)
Scart 2 return
High Z or low power state (default)
STV0056A
20/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com