Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 372Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 373Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 374Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 375Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 376Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 377Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 378Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 379Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 1196 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 348 of 1164
REJ09B0321-0200
11.4.3
DMA Activation
(1)
Initial Settings of the DMAC
Initial settings must be made in each of the relevant registers before the DMA transfer enable bit is
set (DEN
= "1"). These settings cannot be changed once transfer has started.
An example of DMAC registers that require initial settings is given below.
1. DMA mode register (DMMODn)
2. DMA control register A (DMCNTAn)
3. DMA control register B (DMCNTBn)
4. DMA current source address register (DMCSADRn)
5. DMA reload source address register (DMRSADRn)
 when the reload function is used
6. DMA current destination address register (DMCDADRn)
7. DMA reload destination address register (DMRDADRn)
 when the reload function is used
8. DMA current byte count register (DMCBCTn)
9. DMA reload byte count register (DMRBCTn)
 when the reload function is used
10. DMA interrupt control register (DMICNT)
 when an interrupt is used
11. DMA common interrupt control register (DMICNTA)
 when an interrupt is used
12. DMA transfer enable bit (DEN)
13. DMA activation control register (DMSCNT)
(2)
DMA Activation
DMA transfer for a channel is enabled by setting the DMA transfer enable bit (DEN) in DMA
control register B for the channel and the DMAC module activation bit (DMST) in the DMAC
activation register (DMSCNT) to "1".
When multiple DMA transfer requests are present, there is no complex mechanism for the
determination of channel priority. The DMA request that corresponds to the highest priority
channel is simply accepted and DMA transfer on that channel starts.
Whether a DMA request on a given channel is or is not present can be verified by testing the value
of the DMA request bit (DREQ) in DMA control register B (DMCNTBn) for that channel.
When a DMA request is accepted and DMA transfer starts, the DMA arbitration status bit
(DASTS) for the corresponding channel in the DMA arbitration status register (DMASTS) is set
to "1".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com