Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 372 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 372 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 368Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 369Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 370Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 371Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 372Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 373Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 374Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 375Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 1196 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 344 of 1164
REJ09B0321-0200
11.4.2
DMA Transfer Condition
There are three methods of DMA transfer
 the unit transfer operation, sequential operand
transfer, and non-stop transfer. These are selectable through the setting of the DMA transfer
condition selection bits (DSEL) in DMA Control Register A (DMCNTAn). Each of the conditions
is explained below. Table 11.5 and figure 11.3 are a list and chart of the DMA transfer conditions.
(1)
Unit Operand Transfer
Setting the DMA transfer condition selection bits (DSEL) to 00 selects this mode. A single DMA
request initiates continuous transfer of the number of bytes selected by the OPSEL bits in the
DMA mode register. If the byte counter does not reach 0 in single operand transfer, the DMA
transfer is completed by repeating unit transfer operations until the byte counter does reach 0.
(2)
Sequential Operand Transfer
Setting the DMA transfer condition selection bits (DSEL) to 01 selects this mode. A single DMA
request initiates transfer in units of the number of bytes selected by the OPSEL bits in the DMA
mode register (i.e., unit transfer operations) until the DMA transfer is complete (i.e., until the byte
counter reaches zero). Channel arbitration is performed on completion of each unit transfer
operation. Transfer on the channel for the sequential operand transfer automatically resumes
unless there is a DMA request from a higher-priority channel.
(3)
Non-Stop Transfer
Setting the DMA transfer condition selection bits (DSEL) to 11 selects this mode. A single DMA
request initiates DMA transfer that continues until the transfer is complete (i.e., until the byte
counter reaches zero). There are no gaps for channel arbitration, so even DMA requests from high-
priority channels will not be accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com