Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 365Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 366Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 367Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 368Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 369Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 370Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 371Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 372Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 1196 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 341 of 1164
REJ09B0321-0200
Bit
Bit Name
Initial
Value
R/W
Description
31 to 24 DASTS
All 0
R
When read: DMA Arbitration Status
When written: DMA Arbitration Status Clear
These bits are used to verify the status of DMA
transfer on each channel.
• Condition for setting to "1"
• The bit for a channel in which operand transfer
(non-stop transfer) has started is set to "1".
• Condition for clearing to "0"
These bits are cleared to "0" by either of the
following events.
 Correct completion of single operand transfer
(non-stop transfer).
 A "1" is written to the bit.
These bits are not cleared to "0" when DMAC
operation is forcibly ended by the external DMA
transfer forcible end signal. Write "1" to these
bits to clear them.
Note:
In DMA transfer to external devices, the DMA
arbitration status bit (DASTS) can be cleared
before the end of external bus access (once
the last data-write operation has started).
When read:
0: Operand transfer not in progress
1: Operand transfer in progress
When written:
0: Invalid
1: Clears DMA arbitration status
23 to 0
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
Note:
Bits 31 to 24 correspond to channels 0 to 7, respectively (31: channel 0, 30: channel
1, …, 24: channel 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com