Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 365 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 361Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 362Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 363Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 364Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 365Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 366Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 367Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 368Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 1196 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 337 of 1164
REJ09B0321-0200
11.3.13
DMA Interrupt Status Register (DMISTS)
DMISTS consists of the DMA interrupt request status bits.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
RRRRRRRRRRRRRRRR
0000000000000000
RRRRRRRRRRRRRRRR
DISTS
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—————————
Bit
Bit Name
Initial
Value
R/W
Description
31 to 24 DISTS
All 0
R
DMA Interrupt Request Status
These bits are used to verify the sources of common
interrupt requests for the interrupt controller.
• Condition for setting to "1"
When the DMA common interrupt request signal
control bit (DINTA) for a channel is set to "1" and
the DMA transfer end condition is detected, the
corresponding bit is set to "1". The setting of the
DMA interrupt control bit (DINTM) does not affect
this setting.
• Condition for clearing to "0"
A DISTS bit is cleared to "0" by clearing the
corresponding DMA transfer end condition
detection bit (DEDET) in the DMA transfer end
detection register (DMEDET). For details, see
section 11.5.2, DMA Interrupt Requests.
0: No interrupt request
1: An interrupt request exists
23 to 0
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
Notes: 1. This register is read-only.
2. Bits 31 to 24 correspond to channels 0 to 7, respectively (31: channel 0, 30: channel
1, …, 24: channel 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com