Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 363Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 364Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 365Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 366Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 367Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 368Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 369Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 370Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 1196 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 339 of 1164
REJ09B0321-0200
Bit
Bit Name
Initial
Value
R/W
Description
31 to 24 DEDET
All 0
R/W
Values read: DMA Transfer End Condition Detection
Values written: DMA Transfer End Condition
Detection, DMA Interrupt Request
Status Clear
These bits are used to verify the status of DMA
transfer end condition detection for each channel.
Reading this register does not automatically clear the
bits. Once a bit has been set to "1", the value is
retained in the register as long as the bit is not cleared
by software or a reset.
• Condition for setting to "1"
When the DMA transfer end condition is detected,
these bits are set to "1".
• Condition for clearing to "0"
These bits are cleared to "0" by writing a "1" to the
bits to be cleared. Write "0" to bits that are not to
be cleared. While a bit is clear, it cannot be set to
"1" by a write operation.
When the DMA transfer end interrupt is in use and an
interrupt request generated for a given channel starts
to be handled, write a "1" to the corresponding DMA
transfer end condition detection (DEDET) bit.
When the DMA transfer end condition detection
(DEDET) bits are cleared to "0", the DMA interrupt
request status bit (DISTS) is also cleared.
Values read:
0: DMA transfer end condition not detected
1: DMA transfer end condition detected
Values written:
0: Invalid
1: Clears DMA transfer end condition detection and
DMA interrupt request status
23 to 0
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
Note:
Bits 31 to 24 correspond to channels 0 to 7, respectively (31: channel 0, 30: channel
1, …, 24: channel 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com