Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 100Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 101Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 102Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 103Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 104Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 105Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 106Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 107Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 1196 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 Sep. 07, 2007 Page 76 of 1164
REJ09B0321-0200
(7)
Frequency Control Register (FRQCR)
The frequency control register (FRQCR) has control bits assigned for the following functions:
clock output/non-output from the CKIO pin during software standby mode, the frequency
multiplication ratio of PLL circuit 1, and the frequency division ratio of the internal clock and the
peripheral clock (P
φ).
(8)
Standby Control Register
The standby control register has bits for controlling the power-down modes. See section 25,
Power-Down Modes, for more information.
4.2
Input/Output Pins
Table 4.1 lists the clock pulse generator pins and their functions.
Table 4.1
Pin Configuration and Functions of the Clock Pulse Generator
Pin Name
Symbol
I/O
Function
(Clock Operating
Modes 0 and 2)
Function
(Clock Operating
Mode 3)
MD_CLK0
Input
Sets the clock operating
mode.
Sets the clock operating
mode.
Mode control pins
MD_CLK1
Input
Sets the clock operating
mode.
Sets the clock operating
mode.
XTAL
Output
Connected to the crystal
resonator. (Leave this pin
open when the crystal
resonator is not in use.)
Leave this pin open.
Crystal
input/output pins
(clock input pins)
EXTAL
Input
Connected to the crystal
resonator or used to input
an external clock.
Pull-up this pin.
Clock input/output
pin
CKIO
I/O
Clock output pin.
Clock input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com