Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 101Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 102Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 103Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 104Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 105Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 106Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 107Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 108Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 1196 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 Sep. 07, 2007 Page 77 of 1164
REJ09B0321-0200
4.3
Clock Operating Modes
Table 4.2 shows the relationship between the combinations of the mode control pins (MD_CLK1
and MD_CLK0) and the clock operating modes. Table 4.2 shows the usable frequency ranges in
the clock operating modes.
Table 4.2
Clock Operating Modes
Pin Values
Clock I/O
Mode MD_CLK1
MD_CLK0
Source
Output
PLL Circuit 2
On/Off
PLL Circuit 1
On/Off
CKIO Frequency
0
0
0
EXTAL or
crystal resonator
CKIO
ON (
×4)
ON (
×1, 2, 3, 4) (EXTAL or crystal
resonator)
×4
2
1
0
EXTAL or
crystal resonator
CKIO
ON (
×2)
ON (
×1, 2, 3, 4,
6, 8)
(EXTAL or crystal
resonator)
×2
3
1
1
CKIO
OFF
ON (
×1, 2, 3, 4,
6, 8)
(CKIO)
• Mode 0
The frequency of the signal received from the EXTAL pin or crystal resonator is quadrupled
by the PLL circuit 2 before it is supplied to the LSI as the clock signal. This enables to use the
external clock of lower frequency. Either a crystal resonator with a frequency in the range from
10 to 15 MHz or an external signal in the same frequency range input on the EXTAL pin may
be used. The frequency range of CKIO is from 40 to 60 MHz.
• Mode 2
The frequency of the signal received from the EXTAL pin or crystal resonator is doubled by
the PLL circuit 2 before it is supplied to the LSI as the clock signal. This enables to use the
external clock of lower frequency. An external signal with a frequency in the range from 10 to
30 MHz or a crystal resonator with 10 to 20 MHz may be used. The frequency range of CKIO
is from 20 to 60 MHz.
• Mode 3
In mode 3, the CKIO pin functions as an input pin and draws an external clock signal. The
PLL circuit 1 shapes its waveform and the setting of the frequency control register multiplies
its frequency before the clock enters the LSI. Frequency between 20 to 60 MHz can be input to
the CKIO pin. For reduced current and hence power consumption, pull up the EXTAL pin and
open the XTAL pin when the LSI is used in mode 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com