| Electronic Components Datasheet Search |
|
DS72011RB120FPV Datasheet(PDF) 126 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV Datasheet(HTML) 126 Page - Renesas Technology Corp |
|
126 / 1196 page ![]() Section 5 Exception Handling Rev. 2.00 Sep. 07, 2007 Page 98 of 1164 REJ09B0321-0200 Conditions for Transition to Reset State Internal States Type RES H-UDI Command MRES WDT Overflow CPU On-Chip Peripheral Modules, I/O Port WRCSR of WDT, FRQCR of CPG High Command other than H-UDI reset assert is set Low — Initialized Not initialized* 2 Not initialized Manual reset High Command other than H-UDI reset assert is set High Manual reset Initialized Not initialized* 2 Not initialized Notes: 1. Some registers are excluded. For details, see section 28.3, Register States in Each Operating Mode. 2. The BN bit in IBNR of the INTC is initialized. 5.2.3 Power-On Reset (1) Power-On Reset by Means of RES Pin When the RES pin is driven low, this LSI enters the power-on reset state. To reliably reset this LSI, the RES pin should be kept at the low level for the duration of the oscillation settling time at power-on or when in software standby mode (when the clock is halted), or at least 20-tcyc when the clock is running. In the power-on reset state, the internal state of the CPU and all the on-chip peripheral module registers are initialized. See appendix A, Pin States, for the status of individual pins during the power-on reset state. In the power-on reset state, power-on reset exception handling starts when the RES pin is first driven low for a fixed period and then returned to high. The CPU operates as follows: 1. The initial value (execution start address) of the program counter (PC) is fetched from the exception handling vector table. 2. The initial value of the stack pointer (SP) is fetched from the exception handling vector table. 3. The vector base register (VBR) is cleared to H'00000000, the interrupt mask level bits (I3 to I0) of the status register (SR) are initialized to H'F (B'1111), and the BO and CS bits are initialized to 0. The BN bit in IBNR of the INTC is also initialized to 0. FPSCR is initialized to H'00040001. 4. The values fetched from the exception handling vector table are set in the PC and SP, and the program begins executing. Be certain to always perform power-on reset processing when turning the system power on. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |