Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 126Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 127Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 128Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 129Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 130Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 131Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 132Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 133Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 1196 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 07, 2007 Page 102 of 1164
REJ09B0321-0200
5.3.2
Address Error Exception Handling
When an address error occurs, address error exception handling starts after the bus cycle in which
the address error occurred ends and execution of the instruction being executed completes. The
CPU operates as follows.
1. The exception service routine start address which corresponds to the address error that
occurred is fetched from the exception handling vector table.
2. The status register (SR) is saved to the stack.
3. The program counter (PC) is saved to the stack. The PC value saved is the start address of the
instruction to be executed after the last executed instruction.
4. After jumping to the address fetched from the exception handling vector table, program
execution starts. The jump that occurs is not a delayed branch.
5.4
Bus Error
5.4.1
Bus Error Generation Source
In bus monitor, notification of bus error occurrence to the CPU can be set. The notification is
generated when incorrect address access or bus timeout is detected. For details, see section 10,
Bus Monitor.
5.4.2
Bus Error Exception Handling
When a bus error occurs, bus error exception handling starts after the bus cycle in which the bus
error occurred ends and execution of the instruction being executed completes. The CPU operates
as follows.
1. The exception service routine start address which corresponds to the bus error that occurred is
fetched from the exception handling vector table.
2. The status register (SR) is saved to the stack.
3. The program counter (PC) is saved to the stack. The PC value saved is the start address of the
instruction to be executed after the last executed instruction.
4. After jumping to the address fetched from the exception handling vector table, program
execution starts. The jump that occurs is not a delayed branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com