Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 207Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 208Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 209Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 210Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 211Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 212Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 213Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 214Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 1196 page
background image
Section 8 Cache
Rev. 2.00 Sep. 07, 2007 Page 183 of 1164
REJ09B0321-0200
Section 8 Cache
8.1
Features
• Capacity
Instruction cache: 8 Kbytes
Operand cache: 8 Kbytes
• Structure: Instructions/data separated, 4-way set associative
• Cache lock function (only for operand cache): Way 2 and way 3 are lockable
• Line size: 16 bytes
• Number of entries: 128 entries/way
• Write system: Write-back/write-through selectable
• Replacement method: Least-recently-used (LRU) algorithm
8.1.1
Cache Structure
The cache separates data and instructions and uses a 4-way set associative system. It is composed
of four ways (banks), each of which is divided into an address section and a data section.
Each of the address and data sections is divided into 128 entries. The data section of the entry is
called a line. Each line consists of 16 bytes (4 bytes
× 4). The data capacity per way is 2 Kbytes
(16 bytes
× 128 entries), with a total of 8 Kbytes in the cache as a whole (4 ways). Figure 8.1
shows the operand cache structure. The instruction cache structure is the same as the operand
cache structure except for not having the U bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com