| Electronic Components Datasheet Search |
|
DS72011RB120FPV Datasheet(PDF) 267 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV Datasheet(HTML) 267 Page - Renesas Technology Corp |
|
267 / 1196 page ![]() Section 9 Bus State Controller (BSC) Rev. 2.00 Sep. 07, 2007 Page 239 of 1164 REJ09B0321-0200 CKIO Ts Tw1 Tw2 Tend Twn Tn1 Tnm A27 to A0 CSn RD WR D31 to D0 Write cycle wait CS assert wait WR assert wait Write data output wait Start enable point of next bus access CS delay cycle during write Write data output delay cycle Figure 9.3 Basic Bus Timing (Write Operation) 1. Ts (Internal Bus Access Start) This is a bus access request cycle initiated by the internal bus master and with the external bus as the target. CSn is always high during this cycle. In the next cycle A27 to A0 and the write data change. 2. Tw1 to Twn (Read Cycle Wait, Write Cycle Wait) These are the cycles between internal bus access start and the wait end cycle. A duration of from 0 to 31 clocks may be selected. During this interval the CSn, RD, and WR control signals are asserted (low level) in accordance with the wait settings. The assert timing can be controlled using the CS assert wait, RD assert wait, WR assert wait, and write data output wait bits in CSn control registers 1 and 2. The number of wait cycles can be set to from 0 to 7 clocks, with the count starting from the cycle following internal bus access start (Ts). The number of clocks selected must be no greater than the number of read/write cycle wait cycles. 3. Tend (Wait End Cycle) This is the final cycle in a series of read cycle wait or write cycle wait cycles. The RD or WR signal is negated (high level) in the next cycle. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |