Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 262Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 263Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 264Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 265Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 266Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 267Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 268Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 269Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 1196 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 238 of 1164
REJ09B0321-0200
Bit
Bit Name
Initial
Value
R/W
Description
3 to 0
ACOSW[3:0] 0000
R/W
AC Characteristics Switch
These bits specify AC characteristics switching.
0000: Does not extend the delay time
0011: Switches characteristics and extends the delay
time
Other than above: Setting prohibited
9.5
Operation
9.5.1
CSC Interface
(1)
Normal Access
Normal read/write operation is used for all bus access when page read/write access is disabled
(PRENB = 0, PWENB = 0). Even when page read/write access is enabled (PRENB = 1, PWENB
= 1), normal read/write operation is employed in cases where page access cannot be used. Figure
9.2 shows the basic operation of the external bus control signals in read operation, and figure 9.3
shows the basic operation of these signals in write operation.
CKIO
Ts
Tw1
Tw2
Tend
(Trd)
Twn
Tn1
Tn2
Tnm
A27 to A0
CSn
RD
WR
D31 to D0
Read cycle wait
CS assert wait
RD assert wait
Start enable point
of next bus access
CS delay
cycle during read
Figure 9.2 Basic Bus Timing (Read Operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com