Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 268Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 269Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 270Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 271Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 272Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 273Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 274Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 275Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 1196 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 244 of 1164
REJ09B0321-0200
(b)
Page Access Operation
The initial data read/write operation is the same as a normal read/write operation. That is, when
the
WAIT signal is low two cycles before the end of the wait cycles (Tend), external wait cycles
are inserted. After the
WAIT signal has gone high, the wait cycles end (Tend) two cycles later.
In the second and subsequent read accesses, the page wait cycle is extended if the
WAIT signal is
low two cycles before the end of the page access wait cycle (Tend), and the page wait cycles end
two cycles after the
WAIT signal has gone high.
Figure 9.6 shows an example of external wait timing for page read access using longword (32-bit)
access to a 16-bit channel.
→
CKIO
Don't care
Don't care
Don't care
Ts
A0
A1
(Tend)
Tend
→
(Tend)
Tend
A27 to A0
CSn
WAIT
RD
WR
D31 to D0
Cycle wait
External
wait
Page cycle
wait
External
wait
Figure 9.6 External Wait Timing Example (Page Read Access to 16-Bit Channel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com