Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 272Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 273Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 274Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 275Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 276Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 277Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 278Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 279Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 1196 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 248 of 1164
REJ09B0321-0200
9.5.2
SDRAM Interface
A description is provided here of the SDRAM controller (SDRAMC) operation enable and
SDRAM bus width settings as well as operations involving SDRAM (read, write, auto-refresh,
self-refresh, initialization sequence, and mode register settings).
(1)
SDRAM Access Enable/Disable and SDRAM Bus Width Settings
Enabling and disabling SDRAM access is performed by making settings in the individual
SDRAMCm control registers to enable or prohibit SDRAMC operation. SDRAM bus width
settings are also performed by means of the SDRAMCm control registers.
Even if the SDRAMC control register is set to disable SDRAMC operation, refresh operation will
still take place if self-refresh or auto-refresh operation is set as enabled.
(2)
SDRAM Commands
SDRAMC controls the SDRAM by issuing commands each bus cycle. These commands are
defined by combinations of RAS, CAS, WE, CKE, CS, etc.
Table 9.10 lists the commands issued by SDRAMC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com