Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 276Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 277Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 278Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 279Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 280Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 281Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 282Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 283Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 1196 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 252 of 1164
REJ09B0321-0200
(5)
Auto-Refresh
An auto-refresh cycle starts when the auto-refresh operation enable bit (DRFEN) in SDRAM
refresh control register 1 (SDRFCNT1) is set to 1. After that refresh requests are issued at fixed
intervals, activating auto-refresh cycles. However, the activation of auto-refresh cycles may
sometimes be delayed because refresh requests are not accepted during read or write accesses.
A refresh request is issued immediately if the auto-refresh operation enable bit (DRFEN) in
SDRAM refresh control register 1 (SDRFCNT1) is set to 1 while auto-refresh is enabled.
The refresh counter is halted in self-refresh or deep-power-down mode. After recovery from self-
refresh or deep-power-down mode an auto-refresh cycle is activated, after which the counter value
is reset and the counter begins operating again
Make auto-refresh settings in SDRAM refresh control register 1 (SDRFCNT1). Note that refresh
cycles affect all SDRAM channels. Figure 9.9 shows an auto-refresh cycle timing example.
CKIO
DSL: Deselect command
RFA: Auto-refresh command
SDRAM command
Auto-refresh cycle
RFA
DSL
DREFW
DSL
Figure 9.9 Auto-Refresh Cycle Timing Example (DREFW Bit Set Value: 0010)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com