| Electronic Components Datasheet Search |
|
DS72011RB120FPV Datasheet(PDF) 284 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV Datasheet(HTML) 284 Page - Renesas Technology Corp |
|
284 / 1196 page ![]() Section 9 Bus State Controller (BSC) Rev. 2.00 Sep. 07, 2007 Page 256 of 1164 REJ09B0321-0200 (9) Read/Write Access The following two types of read/write access are supported. • Multiple read/multiple write • Single read/single write Multiple read/multiple write occurs in the following cases. 1. CPU burst access (cache replace) 2. Access with longword (32-bit) to the SDRAM data bus having 8-bit or 16-bit width 3. Access with word (16-bit) to the SDRAM data bus having 8-bit width 4. Multiple data transfer in DMA pipeline transfer The access timing can be set independently for each channel using the SDRAMI timing register (SDITR). Access timing examples are described below. (a) Multiple Read/Multiple Write Access Figure 9.14 shows a timing example for multiple read of 4 units of data, and figure 9.15 for multiple write of 4 units of data. The number of DMA transfers performed will vary depending on factors such as the number of transfers and the transfer data size per operand and the SDRAM bus width. Read commands or write commands may or may not be issued consecutively in response to an access request from the bus master. When read commands or write commands are not issued consecutively, a deselect command is issued between them. Furthermore, deactivation and activation are performed automatically when the SDRAM row address changes during a DMA transfer operation. Figure 9.16 shows a timing example for multiple read of 4 units of data, and figure 9.17 for multiple write of 4 units of data, when read/write commands are not issued consecutively. Figure 9.18 shows a timing example for multiple write with a row address change. The access timing is modified by means of settings in the SDRAMm timing register (SDmTR). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |