Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 954 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 954 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 950Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 951Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 952Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 953Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 954Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 955Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 956Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 957Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 958Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 954 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 930 of 1200
REJ09B0344-0200
(2.8) The return value of the initialization program, FPFR (general register R0) is checked.
(2.9) FKEY must be set to H'5A and the user MAT must be prepared for programming.
(2.10) The parameter which is required for programming is set.
The start address of the programming destination of the user MAT (FMPAR) is set to general
register R5. The start address of the program data storage area (FMPDR) is set to general
register R4.
1. FMPAR setting
FMPAR specifies the programming destination start address. When an address other than
one in the user MAT area is specified, even if the programming program is executed,
programming is not executed and an error is returned to the return value parameter FPFR.
Since the unit is 256 bytes, the lower eight bits (MOA7 to MOA0) must be in the 256-byte
boundary of H'00.
2. FMPDR setting
If the storage destination of the program data is flash memory, even when the program
execution routine is executed, programming is not executed and an error is returned to the
FPFR parameter. In this case, the program data must be transferred to on-chip RAM and
then programming must be executed.
(2.11) Programming
There is an entry point of the programming program in the area from (download start address
set by FTDAR) + 16 bytes of on-chip RAM. The subroutine is called and programming is
executed by using the following steps.
MOV.L
#DLTOP+16,R1
; Set entry address to R1
JSR
@R1
; Call programming routine
NOP
1. The general registers other than R0 are saved in the programming program.
2. R0 is a return value of the FPFR parameter.
3. Since the stack area is used in the programming program, a stack area of maximum 128
bytes must be reserved in RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com