Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 951 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 951 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 947Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 948Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 949Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 950Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 951Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 952Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 953Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 954Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 955Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 951 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 927 of 1200
REJ09B0344-0200
The following description assumes the area to be programmed on the user MAT is erased and
program data is prepared in the consecutive area. When erasing has not been executed, carry out
erasing before writing.
256-byte programming is performed in one program processing. When more than 256-byte
programming is performed, programming destination address/program data parameter is updated
in 256-byte units and programming is repeated.
When less than 256-byte programming is performed, data must total 256 bytes by adding the
invalid data. If the invalid data to be added is H'FF, the program processing period can be
shortened.
(2.1) Select the on-chip program to be downloaded
When the PPVS bit of FPCS is set to 1, the programming program is selected.
Several programming/erasing programs cannot be selected at one time. If several programs are
set, download is not performed and a download error is returned to the source select error
detect (SS) bit in the DPFR parameter.
Specify the start address of the download destination by FTDAR.
(2.2) Write H'A5 in FKEY
If H'A5 is not written to FKEY for protection, 1 cannot be written to the SCO bit for a
download request.
(2.3) VBR is set to 0 and 1 is written to the SCO bit of FCCS, and then download is executed.
VBR must always be set to H'80000000 before setting the SCO bit to 1.
To write 1 to the SCO bit, the following conditions must be satisfied.
• H'A5 is written to FKEY.
• The SCO bit writing is executed in the on-chip RAM.
When the SCO bit is set to 1, download is started automatically. When execution returns to the
user procedure program, the SCO bit is cleared to 0. Therefore, the SCO bit cannot be
confirmed to be 1 in the user procedure program.
The download result can be confirmed only by the return value of the DPFR parameter. Before
the SCO bit is set to 1, incorrect decision must be prevented by setting the DPFR parameter,
that is one byte of the start address of the on-chip RAM area specified by FTDAR, to a value
other than the return value (H'FF).
When download is executed, particular interrupt processing, which is accompanied by the bank
switch as described below, is performed as an internal microcontroller processing, so VBR
need to be set to H'80000000. Thirty-two NOP instructions are executed immediately after the
instructions that set the SCO bit to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com