Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 953 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 953 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 949Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 950Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 951Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 952Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 953Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 954Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 955Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 956Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 957Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 953 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 929 of 1200
REJ09B0344-0200
(2.6) The operating frequency is set to the FPEFEQ parameter and the user branch destination is
set to the FUBRA parameter for initialization.
1. The current frequency of the CPU clock is set to the FPEFEQ parameter (general register
R4). The settable range I
φ of the FPEFEQ parameter is 32 to 40 MHz.
When the frequency is set out of this range, an error is returned to the FPFR parameter of
the initialization program and initialization is not performed. For details on the frequency
setting, see the description in section 21.4.3 (2.1), Flash Programming/Erasing Frequency
Parameter (FPEFEQ: General Register R4 of CPU).
2. The start address in the user branch destination is set to the (FUBRA: CPU general register
R5) parameter.
When the user branch processing is not required, 0 must be set to FUBRA.
When the user branch is executed, the branch destination is executed in flash memory other
than the one that is to be programmed. The area of the on-chip program that is downloaded
cannot be set.
The program processing must be returned from the user branch processing by the RTS
instruction.
See the description in section 21.4.3 (2.2), Flash User Branch Address Setting Parameter
(FUBRA: General Register R5 of CPU).
(2.7) Initialization
When a programming program is downloaded, the initialization program is also downloaded to
on-chip RAM. There is an entry point of the initialization program in the area from (download
start address set by FTDAR) + 32 bytes. The subroutine is called and initialization is executed
by using the following steps.
MOV.L
#DLTOP+32,R1
; Set entry address to R1
JSR
@R1
; Call initialization routine
NOP
1. The general registers other than R0 are saved in the initialization program.
2. R0 is a return value of the FPFR parameter.
3. Since the stack area is used in the initialization program, a stack area of 256 bytes or more
must be reserved in RAM.
4. Interrupts can be accepted during the execution of the initialization program. However, the
program storage area and stack area in on-chip RAM and register values must not be
destroyed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com