Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 327Page - Renesas Technology Corp H8/3022 Datasheet HTML 328Page - Renesas Technology Corp H8/3022 Datasheet HTML 329Page - Renesas Technology Corp H8/3022 Datasheet HTML 330Page - Renesas Technology Corp H8/3022 Datasheet HTML 331Page - Renesas Technology Corp H8/3022 Datasheet HTML 332Page - Renesas Technology Corp H8/3022 Datasheet HTML 333Page - Renesas Technology Corp H8/3022 Datasheet HTML 334Page - Renesas Technology Corp H8/3022 Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 712 page
background image
9. Programmable Timing Pattern Controller
Rev.2.00 Mar. 22, 2007 Page 307 of 684
REJ09B0352-0200
9.3.3
Normal TPC Output
Sample Setup Procedure for Normal TPC Output: Figure 9.4 shows a sample procedure for
setting up normal TPC output.
Normal TPC output
Set next TPC output data
Compare match?
No
Yes
Set next TPC output data
ITU setup
Port and
TPC setup
ITU setup
10
11
9
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
Set TIOR to make GRA an output compare
register (with output inhibited).
Set the TPC output trigger period.
Select the counter clock source with bits
TPSC2 to TPSC0 in TCR. Select the counter
clear source with bits CCLR1 and CCLR0.
Enable the IMFA interrupt in TIER.
Set the initial output values in the DR bits
of the input/output port pins to be used for
TPC output.
Set the DDR bits of the input/output port
pins to be used for TPC output to 1.
Set the NDER bits of the pins to be used for
TPC output to 1.
Select the ITU compare match event to be
used as the TPC output trigger in TPCR.
Set the next TPC output values in the NDR bits.
Set the STR bit to 1 in TSTR to start the
timer counter.
At each IMFA interrupt, set the next output
values in the NDR bits.
1
2
3
4
5
6
7
8
Select GR functions
Set GRA value
Select counting operation
Select interrupt request
Start counter
Set initial output data
Select port output
Enable TPC output
Select TPC output trigger
Figure 9.4 Setup Procedure for Normal TPC Output (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com