Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 329 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 329 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 325Page - Renesas Technology Corp H8/3022 Datasheet HTML 326Page - Renesas Technology Corp H8/3022 Datasheet HTML 327Page - Renesas Technology Corp H8/3022 Datasheet HTML 328Page - Renesas Technology Corp H8/3022 Datasheet HTML 329Page - Renesas Technology Corp H8/3022 Datasheet HTML 330Page - Renesas Technology Corp H8/3022 Datasheet HTML 331Page - Renesas Technology Corp H8/3022 Datasheet HTML 332Page - Renesas Technology Corp H8/3022 Datasheet HTML 333Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 712 page
background image
9. Programmable Timing Pattern Controller
Rev.2.00 Mar. 22, 2007 Page 305 of 684
REJ09B0352-0200
9.3
Operation
9.3.1
Overview
When corresponding bits in PADDR or PBDDR and NDERA or NDERB are set to 1, TPC output
is enabled. The TPC output initially consists of the corresponding PADR or PBDR contents.
When a compare-match event selected in TPCR occurs, the corresponding NDRA or NDRB bit
contents are transferred to PADR or PBDR to update the output values.
Figure 9.2 illustrates the TPC output operation. Table 9.3 summarizes the TPC operating
conditions.
DDR
NDER
QQ
TPC output pin
DR
NDR
C
QD
QD
Internal
data bus
Output trigger signal
Figure 9.2 TPC Output Operation
Table 9.3
TPC Operating Conditions
NDER
DDR
Pin Function
0
0
Generic input port
1
Generic output port
1
0
Generic input port (but the DR bit is a read-only bit, and when compare
match occurs, the NDR bit value is transferred to the DR bit)
1
TPC pulse output
Sequential output of up to 16-bit patterns is possible by writing new output data to NDRA and
NDRB before the next compare match. For information on non-overlapping operation, see section
9.3.4, Non-Overlapping TPC Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com