Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 326 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 326 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 322Page - Renesas Technology Corp H8/3022 Datasheet HTML 323Page - Renesas Technology Corp H8/3022 Datasheet HTML 324Page - Renesas Technology Corp H8/3022 Datasheet HTML 325Page - Renesas Technology Corp H8/3022 Datasheet HTML 326Page - Renesas Technology Corp H8/3022 Datasheet HTML 327Page - Renesas Technology Corp H8/3022 Datasheet HTML 328Page - Renesas Technology Corp H8/3022 Datasheet HTML 329Page - Renesas Technology Corp H8/3022 Datasheet HTML 330Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 712 page
background image
9. Programmable Timing Pattern Controller
Rev.2.00 Mar. 22, 2007 Page 302 of 684
REJ09B0352-0200
9.2.10
TPC Output Mode Register (TPMR)
TPMR is an 8-bit readable/writable register that selects normal or non-overlapping TPC output for
each group.
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
G3NOV
0
R/W
0
G0NOV
0
R/W
2
G2NOV
0
R/W
1
G1NOV
0
R/W
Group 3 non-overlap
Selects non-overlapping TPC
output for group 3 (TP
to TP )
∗
Reserved bits
Group 2 non-overlap
Selects non-overlapping TPC
output for group 2 (TP
to TP )
Group 1 non-overlap
Selects non-overlapping TPC
output for group 1 (TP to TP )
Group 0 non-overlap
Selects non-overlapping TPC
output for group 0 (TP to TP )
15
12
11
8
74
30
Note: * Since this LSI does not have a TP14 pin, the TP14 signal cannot be output to the outside.
The output trigger period of a non-overlapping TPC output waveform is set in general register B
(GRB) in the ITU channel selected for output triggering. The non-overlap margin is set in general
register A (GRA). The output values change at compare match A and B. For details see section
9.3.4, Non-Overlapping TPC Output.
TPMR is initialized to H'F0 by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bits 7 to 4—Reserved: These bits cannot be modified and are always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com