| Electronic Components Datasheet Search |
|
H8/3022 Datasheet(PDF) 355 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3022 Datasheet(HTML) 355 Page - Renesas Technology Corp |
|
355 / 712 page ![]() 11. Serial Communication Interface Rev.2.00 Mar. 22, 2007 Page 331 of 684 REJ09B0352-0200 Section 11 Serial Communication Interface 11.1 Overview The H8/3022 Group has a serial communication interface (SCI) with two independent channels. The two channels are functionally identical. The SCI can communicate in asynchronous or synchronous mode. It also has a multiprocessor communication function for serial communication among two or more processors. When the SCI is not used, it can be halted to conserve power. Each SCI channel can be halted independently. For details see section 17.6, Module Standby Function. Channel 0 (SCI0) also has a smart card interface function conforming to the ISO/IEC7816-3 (Identification Card) standard. This function supports serial communication with a smart card. For details, see section 12, Smart Card Interface. 11.1.1 Features SCI features are listed below. • Selection of asynchronous or synchronous mode for serial communication a. Asynchronous mode Serial data communication is synchronized one character at a time. The SCI can communicate with a universal asynchronous receiver/transmitter (UART), asynchronous communication interface adapter (ACIA), or other chip that employs standard asynchronous serial communication. It can also communicate with two or more other processors using the multiprocessor communication function. There are twelve selectable serial data communication formats. ⎯ Data length: 7 or 8 bits ⎯ Stop bit length: 1 or 2 bits ⎯ Parity bit: even, odd, or none ⎯ Multiprocessor bit: 1 or 0 ⎯ Receive error detection: parity, overrun, and framing errors ⎯ Break detection: by reading the RxD level directly when a framing error occurs b. Synchronous mode Serial data communication is synchronized with a clock signal. The SCI can communicate with other chips having a synchronous communication function. There is one serial data communication format. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |