Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 355Page - Renesas Technology Corp H8/3022 Datasheet HTML 356Page - Renesas Technology Corp H8/3022 Datasheet HTML 357Page - Renesas Technology Corp H8/3022 Datasheet HTML 358Page - Renesas Technology Corp H8/3022 Datasheet HTML 359Page - Renesas Technology Corp H8/3022 Datasheet HTML 360Page - Renesas Technology Corp H8/3022 Datasheet HTML 361Page - Renesas Technology Corp H8/3022 Datasheet HTML 362Page - Renesas Technology Corp H8/3022 Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 335 of 684
REJ09B0352-0200
11.1.4
Register Configuration
The SCI has the internal registers as listed in table 11.2. These registers select asynchronous or
synchronous mode, specify the data format and bit rate, and control the transmitter and receiver
sections.
Table 11.2
Registers
Channel
Address*
1
Name
Abbreviation
R/W
Initial Value
0
H'FFB0
Serial mode register
SMR
R/W
H'00
H'FFB1
Bit rate register
BRR
R/W
H'FF
H'FFB2
Serial control register
SCR
R/W
H'00
H'FFB3
Transmit data register
TDR
R/W
H'FF
H'FFB4
Serial status register
SSR
R/(W)*
2
H'84
H'FFB5
Receive data register
RDR
R
H'00
1
H'FFB8
Serial mode register
SMR
R/W
H'00
H'FFB9
Bit rate register
BRR
R/W
H'FF
H'FFBA
Serial control register
SCR
R/W
H'00
H'FFBB
Transmit data register
TDR
R/W
H'FF
H'FFBC
Serial status register
SSR
R/(W)*
2
H'84
H'FFBD
Receive data register
RDR
R
H'00
Notes: 1. Lower 16 bits of the address.
2. Only 0 can be written to clear flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com