Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 363 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 363 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 359Page - Renesas Technology Corp H8/3022 Datasheet HTML 360Page - Renesas Technology Corp H8/3022 Datasheet HTML 361Page - Renesas Technology Corp H8/3022 Datasheet HTML 362Page - Renesas Technology Corp H8/3022 Datasheet HTML 363Page - Renesas Technology Corp H8/3022 Datasheet HTML 364Page - Renesas Technology Corp H8/3022 Datasheet HTML 365Page - Renesas Technology Corp H8/3022 Datasheet HTML 366Page - Renesas Technology Corp H8/3022 Datasheet HTML 367Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 339 of 684
REJ09B0352-0200
Bit 7—Communication Mode (C/
A): Selects whether the SCI operates in asynchronous or
synchronous mode.
Bit 7
C/
A
Description
0
Asynchronous mode
(Initial value)
1
Synchronous mode
Bit 6—Character Length (CHR): Selects 7-bit or 8-bit data length in asynchronous mode. In
synchronous mode the data length is 8 bits regardless of the CHR setting.
Bit 6
CHR
Description
0
8-bit data
(Initial value)
1
7-bit data*
Note:
*
When 7-bit data is selected, the MSB (bit 7) in TDR is not transmitted.
Bit 5—Parity Enable (PE): In asynchronous mode, this bit enables or disables the addition of a
parity bit to transmit data, and the checking of the parity bit in receive data. In synchronous mode
the parity bit is neither added nor checked, regardless of the PE setting.
Bit 5
PE
Description
0
Parity bit not added or checked
(Initial value)
1
Parity bit added and checked*
Note:
*
When PE is set to 1, an even or odd parity bit is added to transmit data according to the
even or odd parity mode selected by the O/
E bit, and the parity bit in receive data is
checked to see that it matches the even or odd mode selected by the O/
E bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com