Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 364 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 364 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 360Page - Renesas Technology Corp H8/3022 Datasheet HTML 361Page - Renesas Technology Corp H8/3022 Datasheet HTML 362Page - Renesas Technology Corp H8/3022 Datasheet HTML 363Page - Renesas Technology Corp H8/3022 Datasheet HTML 364Page - Renesas Technology Corp H8/3022 Datasheet HTML 365Page - Renesas Technology Corp H8/3022 Datasheet HTML 366Page - Renesas Technology Corp H8/3022 Datasheet HTML 367Page - Renesas Technology Corp H8/3022 Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 340 of 684
REJ09B0352-0200
Bit 4—Parity Mode (O/
E): Selects even or odd parity. The O/E bit setting is valid in
asynchronous mode when the PE bit is set to 1 to enable the adding and checking of a parity bit.
The O/
E setting is ignored in synchronous mode, or when parity adding and checking is disabled
in asynchronous mode.
Bit 4
O/
E
Description
0
Even parity*
1
(Initial value)
1
Odd parity*
2
Notes: 1. When even parity is selected, the parity bit added to transmit data makes an even
number of 1s in the transmitted character and parity bit combined. Receive data must
have an even number of 1s in the received character and parity bit combined.
2. When odd parity is selected, the parity bit added to transmit data makes an odd number
of 1s in the transmitted character and parity bit combined. Receive data must have an
odd number of 1s in the received character and parity bit combined.
Bit 3—Stop Bit Length (STOP): Selects one or two stop bits in asynchronous mode. This setting
is used only in asynchronous mode. In synchronous mode no stop bit is added, so the STOP bit
setting is ignored.
Bit 3
STOP
Description
0
One stop bit*
1
(Initial value)
1
Two stop bits*
2
Notes: 1. One stop bit (with value 1) is added at the end of each transmitted character.
2. Two stop bits (with value 1) are added at the end of each transmitted character.
In receiving, only the first stop bit is checked, regardless of the STOP bit setting. If the second
stop bit is 1 it is treated as a stop bit. If the second stop bit is 0 it is treated as the start bit of the
next incoming character.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com