Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 365 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 361Page - Renesas Technology Corp H8/3022 Datasheet HTML 362Page - Renesas Technology Corp H8/3022 Datasheet HTML 363Page - Renesas Technology Corp H8/3022 Datasheet HTML 364Page - Renesas Technology Corp H8/3022 Datasheet HTML 365Page - Renesas Technology Corp H8/3022 Datasheet HTML 366Page - Renesas Technology Corp H8/3022 Datasheet HTML 367Page - Renesas Technology Corp H8/3022 Datasheet HTML 368Page - Renesas Technology Corp H8/3022 Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 341 of 684
REJ09B0352-0200
Bit 2—Multiprocessor Mode (MP): Selects a multiprocessor format. When a multiprocessor
format is selected, parity settings made by the PE and O/
E bits are ignored. The MP bit setting is
valid only in asynchronous mode. It is ignored in synchronous mode.
For further information on the multiprocessor communication function, see section 11.3.3,
Multiprocessor Communication Function.
Bit 2
MP
Description
0
Multiprocessor function disabled
(Initial value)
1
Multiprocessor format selected
Bits 1 and 0—Clock Select 1 and 0 (CKS1/0): These bits select the clock source of the on-chip
baud rate generator. Four clock sources are available:
φ, φ/4, φ/16, and φ/64.
For the relationship between the clock source, bit rate register setting, and baud rate, see section
11.2.8, Bit Rate Register.
Bit 1
CKS1
Bit 0
CKS0
Description
0
0
φ clock selected
(Initial value)
1
φ/4 clock selected
1
0
φ/16 clock selected
1
φ/64 clock selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com