Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 365Page - Renesas Technology Corp H8/3022 Datasheet HTML 366Page - Renesas Technology Corp H8/3022 Datasheet HTML 367Page - Renesas Technology Corp H8/3022 Datasheet HTML 368Page - Renesas Technology Corp H8/3022 Datasheet HTML 369Page - Renesas Technology Corp H8/3022 Datasheet HTML 370Page - Renesas Technology Corp H8/3022 Datasheet HTML 371Page - Renesas Technology Corp H8/3022 Datasheet HTML 372Page - Renesas Technology Corp H8/3022 Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 345 of 684
REJ09B0352-0200
Bit 2—Transmit-End Interrupt Enable (TEIE): Enables or disables the transmit-end interrupt
(TEI) requested if TDR does not contain new transmit data when the MSB is transmitted.
Bit 2
TEIE
Description
0
Transmit-end interrupt requests (TEI) are disabled*
(Initial value)
1
Transmit-end interrupt requests (TEI) are enabled*
Note:
*
TEI interrupt requests can be cleared by reading the value 1 from the TDRE flag in
SSR, then clearing the TDRE flag to 0, thereby also clearing the TEND flag to 0; or by
clearing the TEIE bit to 0.
Bits 1 and 0—Clock Enable 1 and 0 (CKE1/0): These bits select the SCI clock source and
enable or disable clock output from the SCK pin. Depending on the settings of CKE1 and CKE0,
the SCK pin can be used for generic input/output, serial clock output, or serial clock input.
The CKE0 setting is valid only in asynchronous mode, and only when the SCI is internally
clocked (CKE1 = 0). The CKE0 setting is ignored in synchronous mode, or when an external
clock source is selected (CKE1 = 1). After setting the CKE1 and CKE0 bits, select the SCI
operating mode in SMR. For further details on selection of the SCI clock source, see table 11.9 in
section 11.3, Operation.
Bit 1
CKE1
Bit 0
CKE0
Description
0
0
Asynchronous mode
Internal clock, SCK pin available for generic
input/output*
1
Synchronous mode
Internal clock, SCK pin used for serial clock output*
1
1
Asynchronous mode
Internal clock, SCK pin used for clock output*
2
Synchronous mode
Internal clock, SCK pin used for serial clock output
1
0
Asynchronous mode
External clock, SCK pin used for clock input*
3
Synchronous mode
External clock, SCK pin used for serial clock input
1
Asynchronous mode
External clock, SCK pin used for clock input*
3
Synchronous mode
External clock, SCK pin used for serial clock input
Notes: 1. Initial value
2. The output clock frequency is the same as the bit rate.
3. The input clock frequency is 16 times the bit rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com