Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 371 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 371 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 367Page - Renesas Technology Corp H8/3022 Datasheet HTML 368Page - Renesas Technology Corp H8/3022 Datasheet HTML 369Page - Renesas Technology Corp H8/3022 Datasheet HTML 370Page - Renesas Technology Corp H8/3022 Datasheet HTML 371Page - Renesas Technology Corp H8/3022 Datasheet HTML 372Page - Renesas Technology Corp H8/3022 Datasheet HTML 373Page - Renesas Technology Corp H8/3022 Datasheet HTML 374Page - Renesas Technology Corp H8/3022 Datasheet HTML 375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 347 of 684
REJ09B0352-0200
The CPU can always read and write SSR, but cannot write 1 in the TDRE, RDRF, ORER, PER,
and FER flags. These flags can be cleared to 0 only if they have first been read while set to 1. The
TEND and MPB flags are read-only bits that cannot be written.
SSR is initialized to H'84 by a reset and in standby mode.
Bit 7—Transmit Data Register Empty (TDRE): Indicates that the SCI has loaded transmit data
from TDR into TSR and the next serial transmit data can be written in TDR.
Bit 7
TDRE
Description
0
TDR contains valid transmit data
[Clearing conditions]
Software reads TDRE while it is set to 1, then writes 0.
1
TDR does not contain valid transmit data
(Initial value)
[Setting conditions]
The chip is reset or enters standby mode.
The TE bit in SCR is cleared to 0.
TDR contents are loaded into TSR, so new data can be written in TDR.
Bit 6—Receive Data Register Full (RDRF): Indicates that RDR contains new receive data.
Bit 6
RDRF
Description
0
RDR does not contain new receive data
[Clearing conditions]
The chip is reset or enters standby mode.
Software reads RDRF while it is set to 1, then writes 0.
(Initial value)
1
RDR contains new receive data
[Setting condition]
When serial data is received normally and transferred from RSR to
RDR.
Note:
The RDR contents and RDRF flag are not affected by detection of receive errors or by
clearing of the RE bit to 0 in SCR. They retain their previous values. If the RDRF flag is still
set to 1 when reception of the next data ends, an overrun error occurs and receive data is
lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com