Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 372 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 372 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 368Page - Renesas Technology Corp H8/3022 Datasheet HTML 369Page - Renesas Technology Corp H8/3022 Datasheet HTML 370Page - Renesas Technology Corp H8/3022 Datasheet HTML 371Page - Renesas Technology Corp H8/3022 Datasheet HTML 372Page - Renesas Technology Corp H8/3022 Datasheet HTML 373Page - Renesas Technology Corp H8/3022 Datasheet HTML 374Page - Renesas Technology Corp H8/3022 Datasheet HTML 375Page - Renesas Technology Corp H8/3022 Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 348 of 684
REJ09B0352-0200
Bit 5—Overrun Error (ORER): Indicates that data reception ended abnormally due to an
overrun error.
Bit 5
ORER
Description
0
Receiving is in progress or has ended normally
[Clearing conditions]
The chip is reset or enters standby mode.
Software reads ORER while it is set to 1, then writes 0.
(Initial value)*
1
1
A receive overrun error occurred*
2
[Setting condition]
Reception of the next serial data ends when RDRF = 1.
Notes: 1. Clearing the RE bit to 0 in SCR does not affect the ORER flag, which retains its
previous value.
2. RDR continues to hold the receive data before the overrun error, so subsequent receive
data is lost. Serial receiving cannot continue while the ORER flag is set to 1. In
synchronous mode, serial transmitting is also disabled.
Bit 4—Framing Error (FER): Indicates that data reception ended abnormally due to a framing
error in asynchronous mode.
Bit 4
FER
Description
0
Receiving is in progress or has ended normally
[Clearing conditions]
The chip is reset or enters standby mode.
Software reads FER while it is set to 1, then writes 0.
(Initial value)*
1
1
A receive framing error occurred
[Setting condition]
The stop bit at the end of receive data is checked and found to be 0.*
2
Notes: 1. Clearing the RE bit to 0 in SCR does not affect the FER flag, which retains its previous
value.
2. When the stop bit length is 2 bits, only the first bit is checked. The second stop bit is not
checked. When a framing error occurs the SCI transfers the receive data into RDR but
does not set the RDRF flag. Serial receiving cannot continue while the FER flag is set
to 1. In synchronous mode, serial transmitting is also disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com