Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 363Page - Renesas Technology Corp H8/3022 Datasheet HTML 364Page - Renesas Technology Corp H8/3022 Datasheet HTML 365Page - Renesas Technology Corp H8/3022 Datasheet HTML 366Page - Renesas Technology Corp H8/3022 Datasheet HTML 367Page - Renesas Technology Corp H8/3022 Datasheet HTML 368Page - Renesas Technology Corp H8/3022 Datasheet HTML 369Page - Renesas Technology Corp H8/3022 Datasheet HTML 370Page - Renesas Technology Corp H8/3022 Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 343 of 684
REJ09B0352-0200
Bit 7—Transmit Interrupt Enable (TIE): Enables or disables the transmit-data-empty interrupt
(TXI) requested when the TDRE flag in SSR is set to 1 due to transfer of serial transmit data from
TDR to TSR.
Bit 7
TIE
Description
0
Transmit-data-empty interrupt request (TXI) is disabled*
(Initial value)
1
Transmit-data-empty interrupt request (TXI) is enabled
Note:
*
TXI interrupt requests can be cleared by reading the value 1 from the TDRE flag, then
clearing it to 0; or by clearing the TIE bit to 0.
Bit 6—Receive Interrupt Enable (RIE): Enables or disables the receive-data-full interrupt (RXI)
requested when the RDRF flag is set to 1 in SSR due to transfer of serial receive data from RSR to
RDR; also enables or disables the receive-error interrupt (ERI).
Bit 6
RIE
Description
0
Receive-end (RXI) and receive-error (ERI) interrupt requests are
disabled*
(Initial value)
1
Receive-end (RXI) and receive-error (ERI) interrupt requests are enabled
Note:
*
RXI and ERI interrupt requests can be cleared by reading the value 1 from the RDRF,
FER, PER, or ORER flag, then clearing it to 0; or by clearing the RIE bit to 0.
Bit 5—Transmit Enable (TE): Enables or disables the start of SCI serial transmitting operations.
Bit 5
TE
Description
0
Transmitting disabled*
1
(Initial value)
1
Transmitting enabled*
2
Notes: 1. The TDRE flag is fixed at 1 in SSR.
2. In the enabled state, serial transmitting starts when the TDRE flag in SSR is cleared to
0 after writing of transmit data into TDR. Select the transmit format in SMR before
setting the TE bit to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com