Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 390 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 390 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 386Page - Renesas Technology Corp H8/3022 Datasheet HTML 387Page - Renesas Technology Corp H8/3022 Datasheet HTML 388Page - Renesas Technology Corp H8/3022 Datasheet HTML 389Page - Renesas Technology Corp H8/3022 Datasheet HTML 390Page - Renesas Technology Corp H8/3022 Datasheet HTML 391Page - Renesas Technology Corp H8/3022 Datasheet HTML 392Page - Renesas Technology Corp H8/3022 Datasheet HTML 393Page - Renesas Technology Corp H8/3022 Datasheet HTML 394Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 366 of 684
REJ09B0352-0200
Transmitting Serial Data (Asynchronous Mode): Figure 11.5 shows a sample flowchart for
transmitting serial data and indicates the procedure to follow.
Start transmitting
Read TDRE flag in SSR
TDRE = 1?
Write transmit data
in TDR and clear TDRE
flag to 0 in SSR
All data
transmitted?
End
1
2
3
No
Yes
No
Yes
Read TEND flag in SSR
TEND = 1?
No
Yes
Output break
signal?
No
Yes
Clear TE bit to 0 in SCR
4
Clear DR bit to 0,
set DDR bit to 1
Initialize
1. SCI initialization: the transmit data output function
of the TxD pin is selected automatically. After the TE bit
is set to 1, one frame of 1s is output, then transmission is
possible.
2. SCI status check and transmit data write: read SSR,
check that the TDRE flag is 1, then write transmit data
in TDR and clear the TDRE flag to 0.
3. To continue transmitting serial data: after checking
that the TDRE flag is 1, indicating that data can be
written, write data in TDR, then clear the TDRE
flag to 0.
4. To output a break signal at the end of serial transmission:
set the DDR bit to 1 and clear the DR bit to 0
(DDR and DR are I/O port registers), then clear the
TE bit to 0 in SCR.
Figure 11.5 Sample Flowchart for Transmitting Serial Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com