Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 392 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 392 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 388Page - Renesas Technology Corp H8/3022 Datasheet HTML 389Page - Renesas Technology Corp H8/3022 Datasheet HTML 390Page - Renesas Technology Corp H8/3022 Datasheet HTML 391Page - Renesas Technology Corp H8/3022 Datasheet HTML 392Page - Renesas Technology Corp H8/3022 Datasheet HTML 393Page - Renesas Technology Corp H8/3022 Datasheet HTML 394Page - Renesas Technology Corp H8/3022 Datasheet HTML 395Page - Renesas Technology Corp H8/3022 Datasheet HTML 396Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 368 of 684
REJ09B0352-0200
Receiving Serial Data (Asynchronous Mode): Figure 11.7 shows a sample flowchart for
receiving serial data and indicates the procedure to follow.
Start receiving
Read RDRF flag in SSR
RDRF = 1?
Read receive data
from RDR, and clear
RDRF flag to 0 in SSR
PER
FER
ORER = 1?
Clear RE bit to 0 in SCR
Finished
receiving?
End
Error handling
(continued on next page)
1
4
No
Yes
Yes
No
No
Yes
1.
2., 3.
4.
5.
SCI initialization: the receive data function of
the RxD pin is selected automatically.
Receive error handling and break
detection: if a receive error occurs, read the
ORER, PER, and FER flags in SSR to identify
the error. After executing the necessary error
handling, clear the ORER, PER, and FER
flags all to 0. Receiving cannot resume if any
of the ORER, PER, and FER flags remains
set to 1. When a framing error occurs, the
RxD pin can be read to detect the break state.
SCI status check and receive data read: read
SSR, check that RDRF is set to 1, then read
receive data from RDR and clear the RDRF
flag to 0. Notification that the RDRF flag has
changed from 0 to 1 can also be given by the
RXI interrupt.
To continue receiving serial data: check the
RDRF flag, read RDR, and clear the RDRF
flag to 0 before the stop bit of the current
frame is received.
Read ORER, PER,
and FER flags in SSR
2
5
Initialize
∨∨
3
Figure 11.7 Sample Flowchart for Receiving Serial Data (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com