Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 433 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 433 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 429Page - Renesas Technology Corp H8/3022 Datasheet HTML 430Page - Renesas Technology Corp H8/3022 Datasheet HTML 431Page - Renesas Technology Corp H8/3022 Datasheet HTML 432Page - Renesas Technology Corp H8/3022 Datasheet HTML 433Page - Renesas Technology Corp H8/3022 Datasheet HTML 434Page - Renesas Technology Corp H8/3022 Datasheet HTML 435Page - Renesas Technology Corp H8/3022 Datasheet HTML 436Page - Renesas Technology Corp H8/3022 Datasheet HTML 437Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 712 page
background image
12. Smart Card Interface
Rev.2.00 Mar. 22, 2007 Page 409 of 684
REJ09B0352-0200
The method of calculating the value from the operating frequency and bit rate, on the other hand,
is shown below. N is an integer, 0
≤ N ≤ 255, and the smaller error is specified.
φ
N =
1488
× 22n–1 × B
× 106 – 1
Table 12.6
Examples of BRR Settings for Bit Rate B (bit/s) (When n = 0)
φ (MHz)
7.1424
10.00
10.7136
13.00
14.2848
16.00
18.00
bit/s
N
Error
N
Error
N
Error
N
Error
N
Error
N
Error
N
Error
9600
0
0.00
1
30
1
25
1
8.99
1
0.00
1
12.01
2
15.99
Table 12.7
Maximum Bit Rate at Various Frequencies (Smart Card Interface Mode)
φ (MHz)
Maximum Bit Rate (bit/s)
N
n
7.1424
9600
0
0
10.00
13441
0
0
10.7136
14400
0
0
13.00
17473
0
0
14.2848
19200
0
0
16.00
21505
0
0
18.00
24194
0
0
The bit rate error is given by the following formula:
φ
Error (
%) = (
1488
× 22n–1 × B × (N + 1)
× 106 – 1) × 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com