Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 435 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 435 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 431Page - Renesas Technology Corp H8/3022 Datasheet HTML 432Page - Renesas Technology Corp H8/3022 Datasheet HTML 433Page - Renesas Technology Corp H8/3022 Datasheet HTML 434Page - Renesas Technology Corp H8/3022 Datasheet HTML 435Page - Renesas Technology Corp H8/3022 Datasheet HTML 436Page - Renesas Technology Corp H8/3022 Datasheet HTML 437Page - Renesas Technology Corp H8/3022 Datasheet HTML 438Page - Renesas Technology Corp H8/3022 Datasheet HTML 439Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 712 page
background image
12. Smart Card Interface
Rev.2.00 Mar. 22, 2007 Page 411 of 684
REJ09B0352-0200
Serial Data Transmission: As data transmission in smart card mode involves error signal
sampling and retransmission processing, the processing procedure is different from that for the
normal SCI. Figure 12.4 shows an example of the transmission processing flow, and figure 12.5
shows the relation between a transmit operation and the internal registers.
[1] Perform Smart Card interface mode initialization as described above in Initialization.
[2] Check that the ERS error flag in SSR is cleared to 0.
[3] Repeat steps [2] and [3] until it can be confirmed that the TEND flag in SSR is set to 1.
[4] Write the transmit data to TDR, clear the TDRE flag to 0, and perform the transmit operation.
The TEND flag is cleared to 0.
[5] When transmitting data continuously, go back to step [2].
[6] To end transmission, clear the TE bit to 0.
With the above processing, interrupt servicing is possible.
If transmission ends and the TEND flag is set to 1 while the TIE bit is set to 1 and interrupt
requests are enabled, a transmit data empty interrupt (TXI) request will be generated. If an error
occurs in transmission and the ERS flag is set to 1 while the RIE bit is set to 1 and interrupt
requests are enabled, a transfer error interrupt (ERI) request will be generated.
For details, see the following Interrupt Operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com