Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 438 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 438 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 434Page - Renesas Technology Corp H8/3022 Datasheet HTML 435Page - Renesas Technology Corp H8/3022 Datasheet HTML 436Page - Renesas Technology Corp H8/3022 Datasheet HTML 437Page - Renesas Technology Corp H8/3022 Datasheet HTML 438Page - Renesas Technology Corp H8/3022 Datasheet HTML 439Page - Renesas Technology Corp H8/3022 Datasheet HTML 440Page - Renesas Technology Corp H8/3022 Datasheet HTML 441Page - Renesas Technology Corp H8/3022 Datasheet HTML 442Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 712 page
background image
12. Smart Card Interface
Rev.2.00 Mar. 22, 2007 Page 414 of 684
REJ09B0352-0200
Serial Data Reception: Data reception in Smart Card mode uses the same processing procedure
as for the normal SCI. Figure 12.6 shows an example of the transmission processing flow.
[1] Perform Smart Card interface mode initialization as described above in Initialization.
[2] Check that the ORER flag and PER flag in SSR are cleared to 0. If either flag is set, perform
the appropriate receive error processing, then clear both the ORER and the PER flag to 0.
[3] Repeat steps [2] and [3] until it can be confirmed that the RDRF flag is set to 1.
[4] Read the receive data from RDR.
[5] When receiving data continuously, clear the RDRF flag to 0 and go back to step [2].
[6] To end reception, clear the RE bit to 0.
Initialization
Read RDR and clear
RDRF flag in SSR to 0
Clear RE bit to 0
Start reception
Start
Error processing
No
No
No
Yes
Yes
ORER = 0 and
PER = 0
RDRF=1?
All data received?
Yes
Figure 12.6 Example of Reception Processing Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com