Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 440 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 440 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 436Page - Renesas Technology Corp H8/3022 Datasheet HTML 437Page - Renesas Technology Corp H8/3022 Datasheet HTML 438Page - Renesas Technology Corp H8/3022 Datasheet HTML 439Page - Renesas Technology Corp H8/3022 Datasheet HTML 440Page - Renesas Technology Corp H8/3022 Datasheet HTML 441Page - Renesas Technology Corp H8/3022 Datasheet HTML 442Page - Renesas Technology Corp H8/3022 Datasheet HTML 443Page - Renesas Technology Corp H8/3022 Datasheet HTML 444Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 712 page
background image
12. Smart Card Interface
Rev.2.00 Mar. 22, 2007 Page 416 of 684
REJ09B0352-0200
12.4
Usage Note
The following points should be noted when using the SCI as a smart card interface.
Receive Data Sampling Timing and Reception Margin in Smart Card Interface Mode: In
smart card interface mode, the SCI operates on a basic clock with a frequency of 372 times the
transfer rate.
In reception, the SCI samples the falling edge of the start bit using the basic clock, and performs
internal synchronization. Receive data is latched internally at the rising edge of the 186th pulse of
the basic clock. This is illustrated in figure 12.7.
Internal
basic
clock
372 clocks
186 clocks
Receive
data (RxD)
Synchro-
nization
sampling
timing
D0
D1
Data
sampling
timing
185
371 0
371
185
0
0
Start bit
Figure 12.7 Receive Data Sampling Timing in Smart Card Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com