Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 443 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 443 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 439Page - Renesas Technology Corp H8/3022 Datasheet HTML 440Page - Renesas Technology Corp H8/3022 Datasheet HTML 441Page - Renesas Technology Corp H8/3022 Datasheet HTML 442Page - Renesas Technology Corp H8/3022 Datasheet HTML 443Page - Renesas Technology Corp H8/3022 Datasheet HTML 444Page - Renesas Technology Corp H8/3022 Datasheet HTML 445Page - Renesas Technology Corp H8/3022 Datasheet HTML 446Page - Renesas Technology Corp H8/3022 Datasheet HTML 447Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 712 page
background image
13. A/D Converter
Rev.2.00 Mar. 22, 2007 Page 419 of 684
REJ09B0352-0200
Section 13 A/D Converter
13.1
Overview
The H8/3022 Group includes a 10-bit successive-approximations A/D converter with a selection
of up to eight analog input channels.
When the A/D converter is not used, it can be halted independently to conserve power. For details
see section 17.6, Module Standby Function.
13.1.1
Features
A/D converter features are listed below.
• 10-bit resolution
• Eight input channels
• Selectable analog conversion voltage range
The analog voltage conversion range can be programmed by input of an analog reference
voltage at the AV
CC pin.
• High-speed conversion
Conversion time: minimum 7.4 µs per channel (with 18 MHz system clock)
• Two conversion modes
Single mode: A/D conversion of one channel
Scan mode: continuous conversion on one to four channels
• Four 16-bit data registers
A/D conversion results are transferred for storage into data registers corresponding to the
channels.
• Sample-and-hold function
• A/D conversion can be externally triggered
• A/D interrupt requested at end of conversion
At the end of A/D conversion, an A/D end interrupt (ADI) can be requested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com