Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 141Page - Renesas Technology Corp H8/3022 Datasheet HTML 142Page - Renesas Technology Corp H8/3022 Datasheet HTML 143Page - Renesas Technology Corp H8/3022 Datasheet HTML 144Page - Renesas Technology Corp H8/3022 Datasheet HTML 145Page - Renesas Technology Corp H8/3022 Datasheet HTML 146Page - Renesas Technology Corp H8/3022 Datasheet HTML 147Page - Renesas Technology Corp H8/3022 Datasheet HTML 148Page - Renesas Technology Corp H8/3022 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 712 page
background image
6. Bus Controller
Rev.2.00 Mar. 22, 2007 Page 121 of 684
REJ09B0352-0200
Pin Wait Mode 1: In all accesses to external three-state-access areas, the number of wait states
(T
W) selected by bits WC1 and WC0 are inserted. If the WAIT pin is low at the fall of the system
clock (
φ) in the last of these wait states, an additional wait state is inserted. If the WAIT pin
remains low, wait states continue to be inserted until the
WAIT signal goes high.
Pin wait mode 1 is useful for inserting four or more wait states, or for inserting different numbers
of wait states for different external devices.
If the wait count is 0, this mode operates in the same way as pin wait mode 0.
Figure 6.6 shows the timing when the wait count is 1 (WC1 = 0, WC0 = 1) and one additional wait
state is inserted by
WAIT input.
Address bus
Data bus
AS
RD
WR
T1
T2
TW
TW
T3
Write data
*
Read data
*
Read
access
Write
access
Note: * Arrows indicate time of sampling of the
WAIT pin.
φ
pin
WAIT
Data bus
External address
Write data
Inserted by
wait count
Inserted by
signal
WAIT
Figure 6.6 Pin Wait Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com