Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 142Page - Renesas Technology Corp H8/3022 Datasheet HTML 143Page - Renesas Technology Corp H8/3022 Datasheet HTML 144Page - Renesas Technology Corp H8/3022 Datasheet HTML 145Page - Renesas Technology Corp H8/3022 Datasheet HTML 146Page - Renesas Technology Corp H8/3022 Datasheet HTML 147Page - Renesas Technology Corp H8/3022 Datasheet HTML 148Page - Renesas Technology Corp H8/3022 Datasheet HTML 149Page - Renesas Technology Corp H8/3022 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 712 page
background image
6. Bus Controller
Rev.2.00 Mar. 22, 2007 Page 122 of 684
REJ09B0352-0200
Pin Auto-Wait Mode: If the
WAIT pin is low, the number of wait states (T
W) selected by bits
WC1 and WC0 are inserted.
In pin auto-wait mode, if the
WAIT pin is low at the fall of the system clock (φ) in the T
2 state, the
number of wait states (T
W) selected by bits WC1 and WC0 are inserted. No additional wait states
are inserted even if the
WAIT pin remains low.
Figure 6.7 shows the timing when the wait count is 1.
φ
Address bus
Data bus
AS
RD
WR
Data bus
T1
T2
T3
T1
T2
TW
T3
*
*
Read data
Read data
Write data
Write data
Read
access
Write
access
Note: * Arrows indicate time of sampling of the
WAIT pin.
External address
External address
WAIT pin
Figure 6.7 Pin Auto-Wait Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com