Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 188Page - Renesas Technology Corp H8/3022 Datasheet HTML 189Page - Renesas Technology Corp H8/3022 Datasheet HTML 190Page - Renesas Technology Corp H8/3022 Datasheet HTML 191Page - Renesas Technology Corp H8/3022 Datasheet HTML 192Page - Renesas Technology Corp H8/3022 Datasheet HTML 193Page - Renesas Technology Corp H8/3022 Datasheet HTML 194Page - Renesas Technology Corp H8/3022 Datasheet HTML 195Page - Renesas Technology Corp H8/3022 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 168 of 684
REJ09B0352-0200
Port A Data Register (PADR): PADR is an 8-bit readable/writable register that stores data for
pins PA
7 to PA0.
Bit
Initial value
Read/Write
0
PA
0
R/W
0
1
PA
0
R/W
1
2
PA
0
R/W
2
3
PA
0
R/W
3
4
PA
0
R/W
4
5
PA
0
R/W
5
6
PA
0
R/W
6
7
PA
0
R/W
7
Port A data 7 to 0
These bits store data for port A pins
When a bit in PADDR is set to 1, if port A is read the value of the corresponding PADR bit is
returned directly. When a bit in PADDR is cleared to 0, if port A is read the corresponding pin
level is read.
PADR is initialized to H'00 by a reset and in hardware standby mode. In software standby mode it
retains its previous setting.
When port A pins are used for TPC output, PADR stores output data for TPC output groups 0 and
1. If a bit in the next data enable register (NDERA) is set to 1, the corresponding PADR bit cannot
be written. In this case, PADR can be updated only when data is transferred from NDRA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com