Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 189Page - Renesas Technology Corp H8/3022 Datasheet HTML 190Page - Renesas Technology Corp H8/3022 Datasheet HTML 191Page - Renesas Technology Corp H8/3022 Datasheet HTML 192Page - Renesas Technology Corp H8/3022 Datasheet HTML 193Page - Renesas Technology Corp H8/3022 Datasheet HTML 194Page - Renesas Technology Corp H8/3022 Datasheet HTML 195Page - Renesas Technology Corp H8/3022 Datasheet HTML 196Page - Renesas Technology Corp H8/3022 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 169 of 684
REJ09B0352-0200
7.10.3
Pin Functions
The port A pins are also used for TPC output (TP
7 to TP0), ITU input/output (TIOCB2 to TIOCB0,
TIOCA
2 to TIOCA0) and input (TCLKD, TCLKC, TCLKB, TCLKA), and as address bus pins (A23
to A
20). Table 7.16 describes the selection of pin functions.
Table 7.16
Port A Pin Functions
Pin
Pin Functions and Selection Method
PA
7/TP7/
TIOCB
2/A20
The mode setting, ITU channel 2 settings (bit PWM2 in TMDR and bits IOB2 to
IOB0 in TIOR2), bit NDER7 in NDERA, and bit PA7DDR in PADDR select the pin
function as follows
Mode
1, 5 and 7
3 and 6
ITU channel 2
settings
(1) in table below
(2) in table below
—
PA
7DDR
—
0
1
1
—
NDER7
—
—
0
1
—
Pin function
TIOCB
2 output
PA
7
input
PA
7
output
TP
7
output
A
20
output
TIOCB
2 input*
Note:
*
TIOCB
2 input when IOB2 = 1 and PWM2 = 0.
ITU channel 2
settings
(2)
(1)
(2)
IOB2
0
1
IOB1
0
0
1
—
IOB0
0
1
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com