Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 237Page - Renesas Technology Corp H8/3022 Datasheet HTML 238Page - Renesas Technology Corp H8/3022 Datasheet HTML 239Page - Renesas Technology Corp H8/3022 Datasheet HTML 240Page - Renesas Technology Corp H8/3022 Datasheet HTML 241Page - Renesas Technology Corp H8/3022 Datasheet HTML 242Page - Renesas Technology Corp H8/3022 Datasheet HTML 243Page - Renesas Technology Corp H8/3022 Datasheet HTML 244Page - Renesas Technology Corp H8/3022 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 217 of 684
REJ09B0352-0200
8.2.11
Timer I/O Control Register (TIOR)
TIOR is an 8-bit register. The ITU has five TIORs, one in each channel.
Channel
Abbreviation
Function
0
TIOR0
1
TIOR1
2
TIOR2
3
TIOR3
TIOR controls the general registers. Some functions differ in PWM
mode. TIOR3 and TIOR4 settings are ignored when complementary
PWM mode or reset-synchronized PWM mode is selected in
channels 3 and 4.
4
TIOR4
Bit
Initial value
Read/Write
7
—
1
—
6
IOB2
0
R/W
5
IOB1
0
R/W
4
IOB0
0
R/W
3
—
1
—
0
IOA0
0
R/W
2
IOA2
0
R/W
1
IOA1
0
R/W
I/O control A2 to A0
These bits select GRA
functions
Reserved bit
I/O control B2 to B0
These bits select GRB functions
Reserved bit
Each TIOR is an 8-bit readable/writable register that selects the output compare or input capture
function for GRA and GRB, and specifies the functions of the TIOCA and TIOCB pins. If the
output compare function is selected, TIOR also selects the type of output. If input capture is
selected, TIOR also selects the edge or edges of the input capture signal.
TIOR is initialized to H'88 by a reset and in standby mode.
Bit 7—Reserved: This bit cannot be modified and is always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com